|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VCO 1.APPLICATION PHS 2.PART No. RF specification preliminary 1/2 SV1.67PH0009 3.DIMENSIONS G G OUT G *oe VC SV1.67 PH0009 SE 371 G VB G SIDE VIEW 7.8 7.0 5.7 VC 4.3 G VB 1.8 5.8 OUT : RF OUTPUT VB : POWER SUPPLY VC : CONTROL VOLT. G : GROUND NOTE:There is no mark of terminals on the case. Max 2.0 :Terminal electrodes. Unit: mm Tolerances : Unless otherwise specified,+/-0.2mm BOTTOM VIEW G G 2.0 1.4 OUT 1.4 4.MARKING PART No. Pin id *oe SV1.67 PH0009 SE 371 SE : Manufacture's Mark 3 : last numeral of production year 7 : production month 1,2,3...X,Y,Z 1 : product No. SV1.67PH0009 Soshin Electric Co., Ltd Jul.1,2003 www.DataSheet.in VCO 5.LIMITING VALUES Item SupplyVoltage ControlVoltage Range Current Consumption Oscillation Frequency Control Voltage Sensitivity Output Level Phase Noise Pushing Figure Pulling Figure Temperature Stability Harmonic Suppression Operating Temp. Range Storage Temp. Range VB VC specification Test Condition preliminary Value min. 3.15 0.3 1690 33 - 1.0 -2.0 95 -2.0 -3.0 -10 -30 typ. 3.3 1.65 10 1610 1720 40 +2.0 100 -25 max. 3.45 3.0 15 1640 47 +5.0 +6.0 +2.0 +3.0 +10 -15 +55 2/2 Unit V V mA MHz MHz/V dBm dBm dBc/Hz MHz MHz M Hz dBc Deg.C VB=3.3V, -30Deg.C up to +55Deg.C VC=0.3V, -30Deg.C up to +55Deg.C VC=3.0V, -30Deg.C up to +55Deg.C VC=0.3V up to 3.0V average Load=50ohm, +25Deg .C+/ - 5Deg .C Load=50ohm, -30Deg.C up to +55Deg.C offset=10kHz, -30Deg.C up to +55Deg.C VB=3.3V+/-0.15V, ref=3.3V VSWR=2 for all phase, ref=50ohm -30Deg.C up to +55Deg.C, ref=+25Deg.C Till Third harmonics -40 +85 Deg.C Note:Unless otherwise VB=3.3V,V .65V,Ta=+25Deg.C+/-5Deg.C,Load 50ohm C=1 = 6.MEASUREMENT PROCEDURE VCO TESTER HP 4352A OUT DUT GND VC 1k 10uF 10uF 2SC3624A VB 1k 10uF 10uF 100pF 100pF 7.RECOMMENDED LAND PATTERN 1.6 0.95 2.2 0.95 1.6 1.6 G G 7.0 OUT 1.6 1.0 1.6 4.2 2.2 6.0 G G Note : Any line pattern shall be avoided on shaded portion. 1.6 1.0 VC G 8.0 VB Unit*F mm SV1.67PH0009 Soshin Electric Co., Ltd Jul.1,2003 www.DataSheet.in |
Price & Availability of SV167PH0009 |